PART |
Description |
Maker |
74279224551 |
WE-MPSB EMI Multilayer Power Suppression Bead
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74279224171 |
WE-MPSB EMI Multilayer Power Suppression Bead
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
V3F05X150Y1DDP V3F09X200Y3FTP V2F05A150Y1DDP V2F05 |
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
|
AVX[AVX Corporation]
|
ASM3P2821B ASM3P2969A-06OR ASM3P2969A-08SR ASM3P29 |
3.3 V, 6 MHz to 12 MHz, low power peak EMI reduction solution Input Frequency Range 6 MHz to 210 MHz Low Power EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
LX7202-22ISF LX7202 LX7202-15ISF |
Integrated EMI Filters and TVS diodes; Package: SF (6 Pin SOT-23); EMI Filter & ESD Protection for Up Stream USB Ports
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation]
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|
0907X7R104Z2FB 0907X7R104Z2F4 0907X7R104Z2F5 0907X |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.1 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.00082 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0082 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.082 uF, SURFACE MOUNT, 3439 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.06 uF, SURFACE MOUNT, 2725 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, Y5V, 0.68 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.068 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.0068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.68 uF, SURFACE MOUNT, 2321 CHIP
|
Presidio Components, Inc.
|
P2811A P2811B P2812A P2812B P2814A |
Low Power EMI Reduction IC
|
ON Semiconductor
|
ASM3P2109A |
Low Power EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
EMIF04-MMC02F1 EMIF04-MMC02 |
4 LINES EMI FILTER INCLUDING ESD PROTECTION 4号线的EMI滤波器,ESD保护 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4 LINES EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
|